Part Number Hot Search : 
SSD01N60 2SK18 AN5079 BL2000 F45N03 B650F A6204 SY10E158
Product Description
Full Text Search
 

To Download CSS-0575B-SMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date 05/03/2013 page 1 of 3 cui .com model: CSS-0575B-SMT description: magnetic buzzer transducer features ? small form factor ? side sound port ? externally driven rohs ??3 ? ?? e ???t3?? ??c? ??c? c? ?????? ????? ?c? ????3?? ??c? ???c? specifications parameter conditions/description min typ max units rated voltage 3 vo-p operating voltage 2 4 vo-p current consumption at rated voltage, 4,000 hz square wave, ? duty 110 ma rated frequency 4,000 hz sound pressure level at 10 cm (a-weight), rated voltage, 4,000 hz square wave, ? duty 75 dba coil resistance 91215 dimensions 5 x 5 x 2.7 mm weight 0.3 g material l.c.p. (black) terminal smt type (sn plating) operating temperature -30 70 c storage temperature -40 80 c rohs yes note: add suf x ?-tr? to the model for tape & reel packaging solderability parameter conditions/description min typ max units re ow soldering see re ow solder pro le 260 c vo-p 0v
cui .com cui inc model: CSS-0575B-SMT description: magnetic buzzer transducer date 05/03/2013 page 2 of 3  6...3116 1...3121 zfbs xffl 13! 12! mechanical drawing frequency response curve measurement method units: mm tolerance: 0.5 mm 180 +2.5v 0 +vdc tr: 2sc1741as 20k 2k 200 20 50 70 80 100 90 hz db a: frequency response. magn db re 20.00upa 60 recommended pcb layout (top view)
cui inc model: CSS-0575B-SMT description: magnetic buzzer transducer date 05/03/2013 page 3 of 3 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 07/16/2010 1.01 updated part number, added tr package option, applied new spec template 05/03/2013 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of CSS-0575B-SMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X